Part Number Hot Search : 
LV2151V 120FC 54F157A AD9432 B5934B AD9432 BWS4805 RSR010
Product Description
Full Text Search
 

To Download DSO-CSS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  29/08/2017 v25.0 1 features: > high brightness surface mount led. > designed for sideway illumination. > 120 viewing angle. > small package outline. > qualified according to jedec moisture sensitivity level 2. > compatible to ir reflow soldering. > environmental friendly; rohs compliance. > compliance to automotive standard; aec-q101. > superior corrosion resistant. domiled synonymous with function and performance, the domiled series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. data sheet: right angle domiled alingap : dsx-xss ? 2005 domiled is a trademark of dominant opto technologies. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > consumer appliances: lcd illumination as in pdas, lcd tv. > display: full color display video notice board. > industry: white goods (eg: oven, microwave, etc.). dominant opto technologies innovating illumination tm
29/08/2017 v25.0 2 dss-sss-pq2-1 dss-css-pq2-1 dsr-css-pq2-1 dsr-css-qr2-1 dsr-css-rs2-1 dsr-css-st2-1 dsr-sss-qr2-1 dsr-tss-st2-1 dsa-css-qr2-1 dsa-sss-rs2-1 dsa-css-rs2-1 DSO-CSS-qr2-1 dso-sss-rs2-1 DSO-CSS-rs2-1 dsy-css-qr2-1 dsy-css-rs2-1 dsy-sss-rs2-1 dsg-sss-pq2-1 dsg-css-pq2-1 dsg-css-qr2-1 dsp-sss-lm2-1 super red, 632nm super red, 632nm red, 625nm red, 625nm red, 625nm red, 625nm red, 625nm red, 625nm amber, 615nm amber, 615nm amber, 615nm orange, 605nm orange, 605nm orange, 605nm yellow, 587nm yellow, 587nm yellow, 587nm green, 570nm green, 570nm green, 570nm pure green, 560nm 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 45.0 45.0 45.0 71.5 112.5 180.0 71.5 180.0 71.5 112.5 112.5 71.5 112.5 112.5 71.5 112.5 112.5 45.0 45.0 71.5 11.2 allngap : dsx-xss part ordering number color viewing angle? luminous intensity @ if = 20ma iv (mcd) appx. 1.1 not for new design optical characteristics at tj=25?c min. typ. max. 71.5 71.5 71.5 112.5 180.0 285.0 112.5 285.0 112.5 180.0 180.0 112.5 180.0 180.0 112.5 180.0 180.0 71.5 71.5 112.5 18.0 112.5 112.5 112.5 180.0 285.0 450.0 180.0 450.0 180.0 285.0 285.0 180.0 285.0 285.0 180.0 285.0 285.0 112.5 112.5 180.0 28.5 dominant opto technologies innovating illumination tm
optical characteristics at tj=25?c 29/08/2017 v25.0 3 allngap : dsx-xss typ. (v) vf @ if = 20ma appx. 3.1 electrical characteristics at tj=25?c max. (v) vr @ ir = 10ua min. (v) part number dsr-css, dsa-css, dss-css, dsg-css DSO-CSS, dsy-css dss-sss, dsr-sss, dsa-sss, dso-sss, dsy-sss, dsg-sss, dsp-sss dsr-tss 1.9 1.8 2.1 2.3 2.3 2.6 12 12 12 unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) thermal resistance - junction / ambient, r th ja - junction / solder point, r th js (mounting on fr4 pcb, pad size >= 5 mm 2 per pad) 20 200 12 2 125 -40 +100 -40 +100 50 630 350 ma ma v kv ?c ?c ?c mw k/w k/w min. (v) 1.6 1.6 1.6 dominant opto technologies innovating illumination tm
29/08/2017 v25.0 4 allngap : dsx-xss dominant opto technologies innovating illumination tm unit characteristics value temperature coeffcient of i f = 20ma; 0 ?c <= t <= 100 ?c temperature coeffcient of v f (typ) i f = 20ma; 0 ?c <= t <= 100 ?c temperature coeffcient of i v (typ) i f = 20ma; 0 ?c <= t <= 100 ?c nm / k symbol dom (typ) dom (typ) tc 0.01 0.03 0.05 0.04 0.09 0.10 0.02 0.10 tc v -2.3 -4.3 -3.2 -1.6 -3.3 -0.2 -2.0 -0.2 mv / k tc iv -0.52 -0.59 -0.60 -0.62 -1.05 -1.20 -0.62 -1.17 % / k dss-css dsr-css dsa-css DSO-CSS dsy-css dsg-css dsr-tss dsp-sss part number dss-css dsr-css dsa-css DSO-CSS dsy-css dsg-css dsr-tss dsp-sss dss-css dsr-css dsa-css DSO-CSS dsy-css dsg-css dsr-tss dsp-sss
group wavelength grouping at tj=25?c wavelength distribution (nm) appx. 2.2 color dss; super red dsr-cs, -ss; red (as) dsr-ts; red (ts) dsa; amber dso; orange dsy; yellow dsg; green dsp; pure green full full full full w x full w x y z full w x y z full w x y z full w x y z 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 552.5 - 564.5 552.5 - 555.5 555.5 - 558.5 558.5 - 561.5 561.5 - 564.5 29/08/2017 v25.0 5 allngap : dsx-xss dominant opto technologies innovating illumination tm
29/08/2017 v25.0 6 forward voltage (v) appx. 3.1 vf binning (optional) at tj=25?c vf bin @ 20ma v01 v02 v03 v04 1.55 1.85 1.85 2.15 2.15 2.45 2.45 2.75 allngap : dsx-xss please consult sales and marketing for special part number to incorporate vf binning. l1 l2 m1 m2 p1 p2 q1 q2 r1 r2 s1 s2 t1 t2 11.2...14.0 14.0...18.0 18.0...22.4 22.4...28.5 45.0...56.0 56.0...71.5 71.5...90.0 90.0...112.5 112.5...140.0 140.0...180.0 180.0...224.0 224.0...285.0 285.0...355.0 355.0...450.0 brightness group luminous intensity appx. 1.1 iv (mcd) dominant opto technologies innovating illumination tm
29/08/2017 v25.0 7 allngap : dsx-xss dominant opto technologies innovating illumination tm luminous intensity group at tj=25?c relative luminous intensity vs forward current forward current, ma relative intensity; normalized at 20ma 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage forward voltage, v 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 5 10 15 20 25 30 35 maximum current vs temperature ambient temperature forward current, ma 0 20 40 60 80 100 0 5 10 15 20 25 relative intensity vs wavelength wavelength; nm 500 550 600 650 700 750 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 allowable forward current vs duty ratio (ta=25 deg c, tp<10us) duty ratio, % allowable forward current (ma) 1 10 100 1 10 100 1000 10/03/2016 v24.0 7 allngap : dsx-xss 0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 relative intensity forward current, ma radiation pattern as alingap ts alingap green yellow orange amber red super red pure green duty ratio, (%); ta=25 0 c, tp<10us allowable forward current vs duty ratio dominant opto technologies innovating illumination tm relative luminous intensity vs forward current forward current, ma relative intensity 0 10 20 30 40 50 0 0.4 0.8 1.2 1.6 2 2.4 forward current vs forward voltage forward voltage, v forward current, ma 2 2.5 3 3.5 4 0 10 20 30 40 50 maximum current vs ambient temperature ambient temperature forward current, if 0 10 20 30 40 50 60 70 80 90 100 5 10 15 20 25 relative intensity vs. wavelength wavelength, nm relative intensity 400 450 500 550 600 650 700 750 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 relative intensity; normalized at 20ma
29/08/2017 v25.0 8 right angle domiled ? allngap : dsx-xss package outlines allngap : dsx-xss material material lead-frame package encapsulant soldering leads cu alloy with ag plating high temperature resistant plastic, ppa epoxy sn-sn plating dominant opto technologies innovating illumination tm note : primary thermal path is through cathode lead of led package. general tolerance 0.1mm.
29/08/2017 v25.0 9 allngap : dsx-xss recommended solder pad dominant opto technologies innovating illumination tm
29/08/2017 v25.0 10 taping and orientation ? reels come in quantity of 2500 units. ? reel diameter is 180 mm. allngap : dsx-xss dominant opto technologies innovating illumination tm
29/08/2017 v25.0 11 packaging specifcation allngap : dsx-xss dominant opto technologies innovating illumination tm
29/08/2017 v25.0 12 allngap : dsx-xss dominant opto technologies innovating illumination tm packaging specifcation average 1pc right angle domiled 1 completed bag (2500pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) super small small medium large for right angle domiled reel / box cardboard box size weight (gram) 0.010 240 10 dominant tm moisture sensitivity level moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel barcode label label (l) lot no : lotno (p) part no : partno (c) cust no : partno (g) grouping : group (q) quantity : quantity (d) d/c : date code (s) s/n : serial no dominant opto technologies ml temp 2 260?c rohs compliant made in malaysia 325 x 225 x 190 325 x 225 x 280 570 x 440 x 230 570 x 440 x 460 0.38 0.54 1.46 1.92 7 reels max 11 reels max 48 reels max 96 reels max
29/08/2017 v25.0 13 time (sec) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle allngap : dsx-xss dominant opto technologies innovating illumination tm
29/08/2017 v25.0 14 allngap : dsx-xss dominant opto technologies innovating illumination tm appendix 1) brightness: 1.1 luminous intensity is measured with an internal reproducibility of 8 % and an expanded uncertainty of 11 % (according to gum with a coverage factor of k=3). 1.2 luminous fux is measured with an internal reproducibility of 8 % and an expanded uncertainty of 11 % (according to gum with a coverage factor of k=3). 2) color: 2.1 chromaticity coordinate groups are measured with an internal reproducibility of 0.005 and an expanded uncertainty of 0.01 (accordingly to gum with a coverage factor of k=3). 2.2 dominant wavelength is measured with an internal reproducibility of 0.5nm and an expanded uncertainty of 1nm (accordingly to gum with a coverage factor of k=3). 3) voltage: 3.1 forward voltage, vf is measured with an internal reproducibility of 0.05v and an expanded uncertainty of 0.1v (accordingly to gum with a coverage factor of k=3).
revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies . page 2 7 11 2 4 2 2, 6 1, 8, 10, 12 1, 8, 14 subjects not for new design: dsy-css-qr2-1 update graph: relative luminous intensity vs forward current error in carrier tape not for new design: DSO-CSS-qr2-1 typo error in luminous intensity add characteristics add thermal resistance add new partno: dsg-css-qr2-1 add new partno: dsr-css-st2-1 update vf bin naming add features add notes in packaging outline update carrier tape update packaging specifcation update product photo update package outline add appendix date of modifcation 29 sep 2010 29 dec 2011 25 jun 2012 13 mar 2013 07 may 2013 12 nov 2013 16 dec 2014 10 mar 2016 29 aug 2017 allngap : dsx-xss 29/08/2017 v25.0 15 dominant opto technologies innovating illumination tm
allngap : dsx-xss about us dominant opto technologies is a dynamic company that is amongst the worlds leading automotive led manu - facturers. with an extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing and development capabilities have become a trusted and reliable brand across the globe. more in - formation about dominant opto technologies, a iso/ts 16949 and iso 14001 certifed company, can be found under http://www.dominant-semi.com. dominant opto technologies innovating illumination tm please contact us for more information: dominant opto technologies sdn. bhd lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia. tel: +606 283 3566 fax: +606 283 0566 e-mail: sales@dominant-semi.com


▲Up To Search▲   

 
Price & Availability of DSO-CSS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X